PART |
Description |
Maker |
LTC2852CDDPBF LTC2851IS8PBF LTC2850CMS8PBF LTC2850 |
3.3V 20Mbps RS485/RS422 Transceiver; Package: DFN; No of Pins: 10; Temperature Range: 0°C to 70°C LINE TRANSCEIVER, PDSO10 3.3V 20Mbps RS485/RS422 Transceiver; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO8 3.3V 20Mbps RS485/RS422 Transceiver; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC2856IDD-1 LTC2857IDD-1 LTC2858IDD-1 LTC2856HDD- |
20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: MSOP; No of Pins: 8; Temperature Range: -40° to 125°C LINE TRANSCEIVER, PDSO8 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: DFN; No of Pins: 8; Temperature Range: -40° to 125°C LINE TRANSCEIVER, PDSO8 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO8 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO8 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO10 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO10 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
|
Linear Technology, Corp.
|
LTC2851 LTC2850NBSP LTC2851IMSPBF |
LINE TRANSCEIVER, PDSO8 3.3V 20Mbps RS485/RS422 Transceiver
|
LINEAR TECHNOLOGY CORP
|
LTM2881 LTC1520 LTC491 LTC485 LTC2850 LTC2851 LTC1 |
20Mbps RS485 Transceivers 20Mbps RS485 Transceivers with Integrated Switchable Termination
|
Linear Technology
|
LTM2881CV-5PBF LTM2881CV-3PBF LTM2881IY-5PBF LTM28 |
Complete Isolated RS485/RS422 µModule Transceiver Power, 32-Pin (15mm × 11.25mm × 2.8mm) LGA , Temperature Range: Commercial 0°C to 70°C LINE TRANSCEIVER, PBGA32 Complete Isolated RS485/RS422 µModule Transceiver Power, 32-Pin (15mm × 11.25mm × 3.42mm) BGA , Temperature Range: Industrial –40°C to 85°C LINE TRANSCEIVER, PBGA32
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MAX3294AUTCGD MAX3295AUTCGK MAX3295AUTTCGK |
20Mbps, 3.3V, SOT23 RS-485/RS-422 Transmitters
|
MAXIM - Dallas Semiconductor
|
5962-9223404MRX 5962-9223408MRX 5962-9223402MSX |
5V, Fail-Safe, 20Mbps, Profibus RS-485/RS-422 Transceivers 身份比较
|
Xilinx, Inc.
|
SP516CF SP516 |
20Mbps 7 Driver, 7 Receiver Multiprotocol Serial Transceiver with Termination Disable
|
SIPEX[Sipex Corporation]
|
ST485ERC ST485ERB ST485ERCDR |
LOW POWER RS-485/RS422 TRANSCEIVER LOW POWER RS-485/RS422 TRANSCEIVER
|
ST Microelectronics STMicroelectronics
|
ISL4485EIB-T |
15kV ESD Protected/ 20Mbps/ 5V/ Low Power/ RS-485/RS-422 Transceiver
|
Intersil
|